|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
TRIAC( Through Hole) TMG1C60 Triac TMG1C60 is designed for full wave AC control applications. It can be used as an ON/OFF function or for phase control operation. Typical Applications ( Sensitive Gate) Home Appliances : Washing Machines, Vacuum Cleaners, Rice Cookers, Micro Wave Ovens, Hair Dryers, other control applications Industrial Use : SMPS, Copier Machines, Motor Controls, Dimmer, SSR, Heater Controls, Vending Machines, other control applications Features IT(RMS)=1A High Surge Current Lead-Free Package Identifying Code T1C6 Unit mm Maximum Ratings Symbol VDRM IT RMS Tj=25 unless otherwise specified Item Repetitive Peak Off-State Voltage R.M.S. On-State Current Surge On-State Current I t for fusing 2 Reference Tc 58 One cycle, 50Hz/60Hz, Peak value non-repetitive Ratings 600 1 9.1/10 0.41 1 0.1 0.5 6 40 40 0.2 125 150 Unit V A A A2S W W A V ITSM It 2 PGM PG AV Peak Gate Power Dissipation Average Gate Power Dissipation Peak Gate Current Peak Gate Voltage Operating Junction Temperature Storage Temperature Mass IGM VGM Tj Tstg g Electrical Characteristics Symbol IDRM VTM I GT1 I GT1 I GT3 I GT3 V GT1 V GT1 V GT3 V GT3 VGD dv/dt c IH Rth j-c Item Repetitive Peak Off-State Current Peak On-State Voltage 1 2 3 4 1 2 3 4 Non-Trigger Gate Voltage Critical Rate of Rise of Off-State Voltage at Commutation Reference VD=VDRM, Single phase, half wave, Tj 125 IT 1.5A, Inst. measurement Ratings Min. Typ. Max. 0.5 1.6 5 5 10 5 1.8 1.8 2.0 1.8 Unit mA V Gate Trigger Current VD 6V RL 10 Gate Trigger Voltage mA V Tj 125 Tj 125 VD 1 2VDRM 0.2 A/ms VD 2 3VDRM V V/ s 4 mA 50 /W di/dt c 2 Holding Current Thermal Resistance Junction to case Trigger mode of the triac Mode I Mode I Mode Mode SanRex 50 Seaview Blvd. Port Washington, NY 11050 PH(516)625-1313 FX(516)625-8845 E-mail:semi@sanrex.com TMG1C60 1 1 1 1 SanRex 50 Seaview Blvd. Port Washington, NY 11050 PH(516)625-1313 FX(516)625-8845 E-mail:semi@sanrex.com |
Price & Availability of TMG1C60 |